Part Number Hot Search : 
2SC3467E HD6417 P560010 DC100 GAL16 4HCT7 NJU6467 B120NF
Product Description
Full Text Search
 

To Download BUZ101SL-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BUZ 101SL-4
SIPMOS (R) Power Transistor
* Quad-channel * Enhancement mode * Logic level * Avalanche-rated * dv/dt rated
Type BUZ 101SL-4
VDS
55 V
ID
4.1 A
RDS(on)
0.075
Package P-DSO-28
Ordering Code C67078-S. . . .- . .
Maximum Ratings Parameter Continuous drain current one channel active Symbol Values 4.1 Unit A
ID IDpuls
16.4
TA = 25 C
Pulsed drain current one channel active
TA = 25 C
Avalanche energy, single pulse
EAS
90 dv/dt 6
mJ
ID = 4.1 A, VDD = 25 V, RGS = 25 L = 10.7 mH, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 4.1 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Power dissipation ,one channel active
VGS Ptot
14 2.4
V W
TA = 25 C
Operating temperature Storage temperature IEC climatic category, DIN IEC 68-1
Tj Tstg
-55 ... + 175 -55 ... + 175 55 / 175 / 56
C
Semiconductor Group
1
02/Oct/1997
Preliminary data
BUZ 101SL-4
Thermal Characteristics Parameter Symbol min. Thermal resistance, junction - soldering point 1) Thermal resistance, junction - ambient 2) Values typ. max. tbd 62.5 K/W Unit
RthJS RthJA
-
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer,70m thick) copper area for Drain connection. PCB is vertical without blown air.
2) one channel active
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
55 1.6 0.1 10 0.06 2
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
1.2
VGS=VDS, ID = 30 A
Zero gate voltage drain current
IDSS
0.1 1 100
A
VDS = 55 V, VGS = 0 V, Tj = -40 C VDS = 55 V, VGS = 0 V, Tj = 25 C VDS = 55 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS
100
nA 0.075
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 5 V, ID = 4.1 A
Semiconductor Group
2
02/Oct/1997
Preliminary data
BUZ 101SL-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
5 560 170 95 -
S pF 700 215 120 ns 20 30
VDS 2 * ID * RDS(on)max, ID = 4.1 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 5 V, ID = 4.1 A RG = 9.8
Rise time
tr
35 55
VDD = 30 V, VGS = 5 V, ID = 4.1 A RG = 9.8
Turn-off delay time
td(off)
40 60
VDD = 30 V, VGS = 5 V, ID = 4.1 A RG = 9.8
Fall time
tf
27 1.4 15 24 2.98 40 nC 2.1 22 36 V 3 02/Oct/1997
VDD = 30 V, VGS = 5 V, ID = 4.1 A RG = 9.8
Gate charge at threshold
Qg(th) Qg(5)
-
VDD = 40 V, ID 0.1 A, VGS =0 to 1 V
Gate charge at 5.0 V
VDD = 40 V, ID = 4.1 A, VGS =0 to 5 V
Gate charge total
Qg(total)
-
VDD = 40 V, ID = 4.1 A, VGS =0 to 10 V
Gate plateau voltage
V(plateau)
VDD = 40 V, ID = 4.1 A
Semiconductor Group
Preliminary data
BUZ 101SL-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TA = 25 C Inverse diode direct current, pulsed A 0.95 50 80 4.1 16.4 V 1.6 ns 75 nC 120 Values typ. max. Unit
ISM VSD trr Qrr
TA = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 8.2 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
02/Oct/1997
Preliminary data
BUZ 101SL-4
Power dissipation Ptot = (TA)
Drain current ID = (TA) parameter: VGS 5 V
4.5 A
2.8 W 2.4
Ptot
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 120 140 C 180
ID
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 20 40 60 80 100 120 140 C 180
TA
TA
Semiconductor Group
5
02/Oct/1997
Preliminary data
BUZ 101SL-4
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
10 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.24
Ptot = 2W
l ih kg jf d e
VGS [V] a 2.5
b 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 8.0 10.0
a
b
ID
8 7 6 5 4 3 2 1
c
0.20 RDS (on) 0.18 0.16 0.14 0.12 0.10
c
c d e f g h i j
0.08 0.06 0.04
VGS [V] =
d e gf h ki j
b
k l
0.02
a
a 2.5 3.0
b 3.5
c 4.0
d 4.5
e f 5.0 5.5
g 6.0
h i 6.5 7.0
j 8.0
k 10.0
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
0.00 0.0
1.0
2.0
3.0
4.0
5.0
6.0
A
8.0
VDS
ID
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
90 A
ID
70 60 50 40 30 20 10 0 0
1
2
3
4
5
6
7
8
V VGS
10
Semiconductor Group
6
02/Oct/1997
Preliminary data
BUZ 101SL-4
Drain-source on-resistance RDS (on) = (Tj) parameter: ID = 4.1 A, VGS = 5 V
0.22
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 30 A
4.6 V 4.0
RDS (on)
0.18 0.16
VGS(th)
3.6 3.2
0.14 2.8 0.12 0.10 0.08 0.06 0.04 0.02 0.00 -60 -20 20 60 100 C 180 2.4
98%
2.0
98% typ
1.6
typ
2%
1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj, tp = 80 s
10 2
pF C 10 3 Ciss
A
IF
10 1
Coss 10 2 Crss 10 0
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0
5
10
15
20
25
30
V 40 VDS
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
02/Oct/1997
Preliminary data
BUZ 101SL-4
Avalanche energy EAS = f (Tj) parameter:ID=4.1A,VDD =25 V
RGS =25 , L = 10.7mH
100 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 4 A
16
V
EAS
80 70
VGS
12
10 60 50 40 30 4 20 2 10 0 20 0 0 4 8 12 16 20 24 28 nC 34 8 0,2 VDS max 0,8 VDS max
6
40
60
80
100
120
140
C Tj
180
QGate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V
V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
02/Oct/1997


▲Up To Search▲   

 
Price & Availability of BUZ101SL-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X